PART |
Description |
Maker |
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
CX28394-22 CX28395-18 CX28395-19 CX28394 CX28395 C |
Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 DATACOM, FRAMER, PQFP128 DIODE SWITCHING DUAL ISOLATED 70V 250mA-Io 150mW 4ns-trr SOT-563 3K/REEL POT 5K OHM 12MM VERT PLA BUSHING DIODE SWITCH 75V 200MW SOT323 DIODE SWITCHING SINGLE 70V 250mA-Io 200mW 4ns-trr SOT-323 3K/REEL Quad/x16/OctalT1/E1/J1 Framers Quad/x16/Octal?T1/E1/J1 Framers Quad/x16/Octal-T1/E1/J1 Framers
|
Conexant Systems, Inc.
|
EC103D175 K1050G70 K1050F70 K1050S70 Q2004D31V Q20 |
3.3-V Phase-Lock Loop Clock Driver 24-TSSOP 0 to 85 DIODE ZENER SINGLE 500mW 14Vz 9mA-Izt 0.05 0.1uA-Ir 10Vr DO35-GLASS 5K/AMMO 晶闸管产品目 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes 晶闸管产品目 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 晶闸管产品目 RECTIFIER BRIDGE 1A 50V 50A-ifsm 1.1V-vf 10uA-ir DFM 50/TUBE 晶闸管产品目 Thyristor Product Catalog 晶闸管产品目 TIP JK 1503-103 INSUL FDTHRUBK 晶闸管产品目 Connector Adapter; Convert From:BNC Coaxial Jack; Convert To:Dual Banana Plugs 晶闸管产品目 DIODE ZENER SINGLE 200mW 6.8Vz 5mA-Izt 0.0588 2uA-Ir 4 SOT-323 3K/REEL 晶闸管产品目 DIODE ZENER SINGLE 300mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-23 3K/REEL 晶闸管产品目 DIODE ZENER SINGLE 200mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-323 3K/REEL 晶闸管产品目 DIODE ZENER TRIPLE ISOLATED 200mW 17.95Vz 5mA-Izt 0.0641 0.1uA-Ir 12.6 SOT-363 3K/REEL DIODE SWITCHING DUAL COMMON-ANODE 75V 160mA-Io 250mW 3000ns-trr SOT-23 3K/REEL DIODE SWITCHING DUAL-DUAL SERIES 75V 215mA-Io 200mW 4ns-trr SOT-363 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 28Vz 0.05mA-Izt 0.05 0.05uA-Ir 21.2 SOT-363 3K/REEL
|
Aimtron Technology Corp. NEC, Corp. Ecliptek, Corp. Bourns, Inc. NXP Semiconductors N.V. Teccor Electronics
|
BAT54AW BAT54AWPBF |
0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE SCHOTTKY DIODE 0.2 Amp 30V 0.2A Schottky Common Anode Diode in a SOT-323 package
|
International Rectifier
|
AZ23C5V6 |
ZENER DIODE,DUAL, THREE TERMINAL, COMMON ANODE,5.6V V(Z),5%,SOT-323
|
Diodes Inc
|
BAT54CW |
30V 0.2A Schottky Common Cathode Diode in a SOT-323 package SCHOTTKY DIODE 0.2 Amp
|
International Rectifier
|
NTS4409NT1G |
Small Signal MOSFET 25 V, .75 A, Single N-Channel, ESD Protection, SC-70/SOT-323; Package: SC-70 (SOT-323) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 700 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
VCAN26A2-03G |
Bidirectional Symmetrical (BiSy) Low Capacitance,Dual-Line ESD-Protection Diode in SOT-323
|
Vishay Siliconix
|
CY7C1339F-100BGI CY7C1339F CY7C1339F-133AI CY7C133 |
DIODE ZENER SINGLE 200mW 3.9Vz 20mA-Izt 0.05 10uA-Ir 1 SOT-323 3K/REEL 128K X 32 CACHE SRAM, 2.6 ns, PQFP100 DIODE ZENER SINGLE 200mW 4.3Vz 20mA-Izt 0.05 5uA-Ir 1 SOT-323 3K/REEL 128K X 32 CACHE SRAM, 2.6 ns, PBGA119 4-Mbit (128K x 32) Pipelined Sync SRAM 128K X 32 CACHE SRAM, 4 ns, PBGA119 DIODE ZENER DUAL ISOLATED 200mW 3.9Vz 20mA-Izt 0.05 10uA-Ir 1 SOT-363 3K/REEL 128K X 32 CACHE SRAM, 2.8 ns, PQFP100 DIODE ZENER TRIPLE ISOLATED 200mW 4.3Vz 20mA-Izt 0.05 5uA-Ir 1 SOT-363 3K/REEL 128K X 32 CACHE SRAM, 2.6 ns, PQFP100 DIODE ZENER SINGLE 150mW 4.3Vz 20mA-Izt 0.05 5uA-Ir 1 SOT-523 3K/REEL 128K X 32 CACHE SRAM, 2.6 ns, PQFP100 DIODE ZENER SINGLE 150mW 3.3Vz 20mA-Izt 0.05 25uA-Ir 1 SOT-523 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 3.3Vz 20mA-Izt 0.05 25uA-Ir 1 SOT-363 3K/REEL DIODE ZENER SINGLE 350mW 3.9Vz 20mA-Izt 0.05 10uA-Ir 1 SOT-23 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 3.6Vz 20mA-Izt 0.05 15uA-Ir 1 SOT-363 3K/REEL
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
1N445 1N316 1N440 1N547 1N535 1N539 1N536 1N533 1N |
GOLD BONDED GERMANIUM DIODES Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 Diode Zener Single 68V 5% 1.5W 2-Pin DO-41 Diode Switching 400V 3A 2-Pin SOD-64 Ammo Diode Zener Single 87V 5W 2-Pin DO-201AE Diode Switching 75V 0.25A Automotive 2-Pin SOD-323 T/R
|
New Jersey Semiconductor
|
K4H560438D-NC/LA0 K4H560838D-NC/LA0 K4H560438D-NC/ |
256Mb sTSOPII 256Mb的sTSOPII DIODE ZENER SINGLE 300mW 10Vz 20mA-Izt 0.02513 0.1uA-Ir 8 SOT-23 3K/REEL DIODE ZENER SINGLE 200mW 9.1Vz 20mA-Izt 0.02592 0.1uA-Ir 7 SOD-323 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 9.95Vz 20mA-Izt 0.02513 0.1uA-Ir 8 SOT-363 3K/REEL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|